Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB20A4AME Datasheet (PDF) - StarTech.com Ltd.

HB20A4AME Datasheet PDF - StarTech.com Ltd.
Part # HB20A4AME
Download  HB20A4AME Download
File Size   116.63 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB 2.0 Hub - Metal Industrial USB-A Hub with ESD & 350W Surge Protection - Extended Operating Temp -40 to 185F - Din Rail/Wall/Desk Mountable - USB Expander Hub

HB20A4AME Datasheet (PDF)

Go To PDF Page Download Datasheet
HB20A4AME Datasheet PDF - StarTech.com Ltd.

Part # HB20A4AME
Download  HB20A4AME Click to download

File Size   116.63 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB 2.0 Hub - Metal Industrial USB-A Hub with ESD & 350W Surge Protection - Extended Operating Temp -40 to 185F - Din Rail/Wall/Desk Mountable - USB Expander Hub

HB20A4AME Datasheet (HTML) - StarTech.com Ltd.


HB20A4AME Product details

Applications
• Ideal for tough conditions that are subject to large temperature variances, or where there’s a risk of physical
damage
• Great for industrial and manufacturing environments where only terminal block connection is preferred
• Connect a variety of USB devices such as industrial printers or cameras, plus fast-charge your smartphone and
tablet
• Mount to a wall near or under a desk surface in a Lab, Service Repair area or office area connecting multiple USB
peripherals
• Use in a conference or meeting room utilizing multiple USB peripherals or for charging several mobile devices

Features
• 4 PORT USB 2.0 HUB: Expand the connectivity of a USB Type-A computer by adding 4x USB-A high speed ports;
Speeds up to 480Mbps shared across devices; Power LEDs on each port for status identification
• EXTENDED TEMPERATURE RANGE: USB port expander rated for operation between -40F to 185F (-40C to 80C)
w/relative humidity from 5 ~ 95% Aluminum heat sinks on enclosure to protect from temp spikes
• ESD PROTECTION: USB Hub with 15kV Air and 8kV Contact electrostatic (ESD) protection & 350W surge
protection, this rugged metal-enclosed hub is suitable for harsh industrial/commercial environments
• INSTALLATION FLEXIBILITY: Ear mount & DIN rail mountable (bracket incl) for wall/desk surface locations; Incl
terminal block power connector, 6.6' (2m) USB host cable; Flexible 7 to 48V DC power input
• WIDE COMPATIBILITY: USB expansion hub is OS independent, supports Windows, macOS, Linux, iPadOS,
Chrome OS, Android; Works w/USB 1.1; Multi Transaction Translator (MTT) support for mixed speed devices




Similar Part No. - HB20A4AME

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB2-3-A+ SLPOWER-HB2-3-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HB2-3-A+G SLPOWER-HB2-3-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB Datasheet
643Kb / 5P
Quiet Actuation Illuminated Pushbutton
HB215SKG03CE-JB NKK-HB215SKG03CE-JB Datasheet
136Kb / 4P
Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CE-JB ETC2-HB215SKG03CE-JB Datasheet
276Kb / 4P
Subminiature Audio/Video Pushbuttons
More results


Similar Description - HB20A4AME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
USB 2.0 4-Port MTT Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Coolgear Inc.
CG-7U3DS COOLGEAR-CG-7U3DS Datasheet
119Kb / 3P
7-Port USB 3.0 Metal Hub with Surge Protection
CG-1600I-RM COOLGEAR-CG-1600I-RM Datasheet
111Kb / 3P
Industrial 16-Port Rack-Mountable USB 2.0 Hub
CG-U3MINI4PH COOLGEAR-CG-U3MINI4PH Datasheet
2Mb / 3P
USB 3.1 Powered 4 Port Mini Hub with ESD & Surge Protection
Rev 04.210506
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com