Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30CM4AB Datasheet (PDF) - StarTech.com Ltd.

HB30CM4AB Datasheet PDF - StarTech.com Ltd.
Part # HB30CM4AB
Download  HB30CM4AB Download
File Size   63.35 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub - 4x USB-A - 5Gbps USB 3.0 Type-C Hub (USB 3.2/3.1 Gen 1) - Bus Powered Portable USB-C to USB-A Adapter Laptop Hub - 11.2" (28.5cm) Cable w/ Cable Management

HB30CM4AB Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30CM4AB Datasheet PDF - StarTech.com Ltd.

Part # HB30CM4AB
Download  HB30CM4AB Click to download

File Size   63.35 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub - 4x USB-A - 5Gbps USB 3.0 Type-C Hub (USB 3.2/3.1 Gen 1) - Bus Powered Portable USB-C to USB-A Adapter Laptop Hub - 11.2" (28.5cm) Cable w/ Cable Management

HB30CM4AB Datasheet (HTML) - StarTech.com Ltd.


HB30CM4AB Product details

Applications
• Connect SSD/thumb drives, data storage devices, keyboards, mice, web cams and USB headsets to your USB-C
computer
• Store in your laptop bag while traveling

Features
• 4 PORT USB-C HUB: Expand the connectivity of a USB-C laptop or desktop PC by adding 4x USB-A ports with this
USB 3.2/3.1 Gen 1 SuperSpeed 5Gbps adapter hub; Supports USB 3.0/2.0 devices
• 15W SHARED POWER: Bus Powered USB Type-C hub w/ speeds up to 5Gbps & power up to 15W shared w/ all
downstream devices; Supports SSD/thumb drives, data storage, keyboards, mice, web cams, headsets
• ORGANIZED & PORTABLE: Compact USB-C hub with hideaway cable management to prevent tangles in laptop
bags or pockets; Lightweight travel hub w/ durable plastic housing, 11" (28 cm) attached USB-C cable
• COMPATIBILITY: OS independent, works with Windows, macOS, Linux, iPadOS, Chrome OS, Android; Long host
cable for USB-C/Thunderbolt 3 laptops on stands or 2-in-1s (Surface Pro 7/Book 3, iPad Pro/Air)
• STARTECH.COM ADVANTAGE: IT professionals’ choice for over 30 years; This USB-C expander hub is backed
for 2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - HB30CM4AB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30CM3A1CB STARTECH-HB30CM3A1CB Datasheet
93Kb / 4P
4 Port USB C Hub - 3x USB-A/1x USB-C - 5Gbps USB 3.0 Type-C Hub (3.2/3.1 Gen 1) - Bus Powered - Portable USB-C to USB-A Adapter Hub - 11.2" (28.5cm) Cable w/Cable Management
More results


Similar Description - HB30CM4AB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com