Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

922204 Datasheet (PDF) - KNIPEX

922204 Datasheet PDF - KNIPEX
Part # 922204
Download  922204 Download
File Size   106.81 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Tweezers

922204 Datasheet (PDF)

Go To PDF Page Download Datasheet
922204 Datasheet PDF - KNIPEX

Part # 922204
Download  922204 Click to download

File Size   106.81 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Tweezers

922204 Datasheet (HTML) - KNIPEX


922204 Product details

General
Article No. 92 22 04
EAN 4003773054665
Material stainless steel
Gripping surfaces smooth gripping surfaces
Weight 18 g
Dimensions 128 x 12 x 10 mm
Reach no
RohS no




Similar Part No. - 922204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9222004100 ETC2-9222004100 Datasheet
32Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9222004100 ETC2-9222004100 Datasheet
33Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
9222004500 ETC2-9222004500 Datasheet
32Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9222004500 ETC2-9222004500 Datasheet
33Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
9222004U500 ETC2-9222004U500 Datasheet
32Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
More results


Similar Description - 922204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com