Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

924701 Datasheet (PDF) - KNIPEX

924701 Datasheet PDF - KNIPEX
Part # 924701
Download  924701 Download
File Size   105.61 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pinzas universales Aislados

924701 Datasheet (PDF)

Go To PDF Page Download Datasheet
924701 Datasheet PDF - KNIPEX

Part # 924701
Download  924701 Click to download

File Size   105.61 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pinzas universales Aislados

924701 Datasheet (HTML) - KNIPEX


924701 Product details

Información general
Núm. de artículo 92 47 01
EAN 4003773086963
Material acero inoxidable
Superficies de agarre Superficie de agarre estriada
Peso 29 g
Dimensiones 142 x 16 x 38 mm
Norma DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 924701

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9247A KISTLER-9247A Datasheet
573Kb / 5P
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
9247A0.8 KISTLER-9247A0.8 Datasheet
573Kb / 5P
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
9247AAE KISTLER-9247AAE Datasheet
573Kb / 5P
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
9247AAG KISTLER-9247AAG Datasheet
573Kb / 5P
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
9247AQ01 KISTLER-9247AQ01 Datasheet
573Kb / 5P
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com