Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLL535 Datasheet (PDF) - Renesas Technology Corp

XLL535 Datasheet PDF - Renesas Technology Corp
Part # XLL535
Download  XLL535 Download
File Size   621.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XL Family of Low Phase Noise Quartz-based PLL Oscillators

XLL535 Datasheet (PDF)

Go To PDF Page Download Datasheet
XLL535 Datasheet PDF - Renesas Technology Corp

Part # XLL535
Download  XLL535 Click to download

File Size   621.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XL Family of Low Phase Noise Quartz-based PLL Oscillators

XLL535 Datasheet (HTML) - Renesas Technology Corp


XLL535 Product details

▪ Output types: LVDS, LVPECL, LVCMOS
▪ Phase jitter (12kHz to 20MHz): 750fs to 890fs typical
▪ Supply voltage: 2.5V or 3.3V
▪ Package options:
• 3.2 × 2.5 × 1.0 mm (not available for VCXO)
• 5.0 × 3.2 × 1.2 mm
• 7.0 × 5.0 × 1.3 mm
▪ Operating temperature: -20°C to +70°C
• Frequency stability options: ±20, ±25, ±50, or ±100 ppm (XO only)
• ±50ppm APR (VCXO only)
▪ Operating temperature: -40°C to +85°C
• Frequency stability options: ±25, ±50, or ±100 ppm (XO only)
• ±50ppm APR (VCXO only)
▪ Operating temperature: -40°C to +105°C (XO only)
• Frequency stability options: ±50 or ±100 ppm
▪ kV of 85ppm/volt typical from 0.5VDC to VDD (VCXO only)
• Better than ±10% linearity for Vc range




Similar Part No. - XLL535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLL535 IDT-XLL535 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
logo
Renesas Technology Corp
XLL535I RENESAS-XLL535I Datasheet
621Kb / 23P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
March 2, 2022
More results


Similar Description - XLL535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
LIST-XL Family
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com