Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTC312 Datasheet (PDF) - Renesas Technology Corp

XTC312 Datasheet PDF - Renesas Technology Corp
Part # XTC312
Download  XTC312 Download
File Size   761.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators

XTC312 Datasheet (PDF)

Go To PDF Page Download Datasheet
XTC312 Datasheet PDF - Renesas Technology Corp

Part # XTC312
Download  XTC312 Click to download

File Size   761.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators

XTC312 Datasheet (HTML) - Renesas Technology Corp


XTC312 Product details

▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, 3.3V
▪ Phase jitter (12kHz to 20MHz): 135 fs typical
▪ Package options:
• 3.2 × 2.5 × 0.85 mm
▪ Operating temperature and stability:
• -40°C to +85°C, ±3ppm
▪ Frequency stability for life:
• -40°C to +85°C, ±13ppm




Similar Part No. - XTC312

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
XTC5400-24 SELEC-XTC5400-24 Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
XTC5400-24-CU SELEC-XTC5400-24-CU Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
XTC5400-CU SELEC-XTC5400-CU Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
logo
RF Monolithics, Inc
XTC7006 RFM-XTC7006 Datasheet
199Kb / 4P
Temperature Compensated Crystal Oscillator
More results


Similar Description - XTC312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
CVHD-950-54.000 CRYSTEKCRYSTAL-CVHD-950-54.000 Datasheet
385Kb / 3P
CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
RF Micro Devices
UMX-630-D16-G RFMD-UMX-630-D16-G Datasheet
259Kb / 3P
ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com