Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

928102 Datasheet (PDF) - KNIPEX

928102 Datasheet PDF - KNIPEX
Part # 928102
Download  928102 Download
File Size   106.38 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Tweezers with exchangeable tips ESD

928102 Datasheet (PDF)

Go To PDF Page Download Datasheet
928102 Datasheet PDF - KNIPEX

Part # 928102
Download  928102 Click to download

File Size   106.38 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Tweezers with exchangeable tips ESD

928102 Datasheet (HTML) - KNIPEX


928102 Product details

General
Article No. 92 81 02
EAN 4003773087113
Material premium stainless steel
Gripping surfaces smooth gripping surfaces
Weight 17 g
Dimensions 130 x 10 x 17 mm
Reach no
RohS no




Similar Part No. - 928102

ManufacturerPart #DatasheetDescription
logo
KNIPEX
928101 KNIPEX-928101 Datasheet
100Kb / 2P
Pinza con puntas intercambiables ESD
05.07.2021
928103 KNIPEX-928103 Datasheet
110Kb / 2P
Tweezers with exchangeable tips ESD
05.07.2021
928104 KNIPEX-928104 Datasheet
107Kb / 2P
Tweezers with exchangeable tips ESD
05.07.2021
928105 KNIPEX-928105 Datasheet
107Kb / 2P
Tweezers with exchangeable tips ESD
05.07.2021
More results


Similar Description - 928102

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com