Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9521165 Datasheet (PDF) - KNIPEX

9521165 Datasheet PDF - KNIPEX
Part # 9521165
Download  9521165 Download
File Size   97.48 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Shears With opening spring

9521165 Datasheet (PDF)

Go To PDF Page Download Datasheet
9521165 Datasheet PDF - KNIPEX

Part # 9521165
Download  9521165 Click to download

File Size   97.48 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Shears With opening spring

9521165 Datasheet (HTML) - KNIPEX


9521165 Product details

General
Article No. 95 21 165
EAN 4003773069805
Shears burnished
Handles plastic coated
Weight 215 g
Dimensions 165 x 42 x 14 mm
Reach no
RohS no




Similar Part No. - 9521165

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9521 KEYSTONE-9521 Datasheet
183Kb / 1P
8-32 FLAT HEAD SCREW
logo
Belden Inc.
9521 BELDEN-9521 Datasheet
198Kb / 2P
High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
logo
Keystone Electronics Co...
9521 KEYSTONE-9521 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Mascot AS
9521 MASCOT-9521 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Belden Inc.
9521-0601000 BELDEN-9521-0601000 Datasheet
198Kb / 2P
High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
More results


Similar Description - 9521165

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130244-0204 MOLEX11-130244-0204 Datasheet
58Kb / 2P
SolarSpec??DC Pin Male Housing, 2.50mm2 (14 AWG) Cable, Bulk Packaging, Cable Opening 7.00mm
logo
PHOENIX CONTACT
MICROFOX-EO PHOENIX-MICROFOX-EO Datasheet
77Kb / 3P
Electronic front cutter, 20째 angle, without chamfer, with opening spring
MICROFOX-PC-ESD PHOENIX-MICROFOX-PC-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
MICROFOX-PC-ESD-DB PHOENIX-MICROFOX-PC-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
2764056 PHOENIX-2764056 Datasheet
140Kb / 8P
Housing base, with snap foot and test opening with side cover
2764153 PHOENIX-2764153 Datasheet
189Kb / 13P
Housing base, with snap foot and test opening with side cover
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com