Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9531280 Datasheet (PDF) - KNIPEX

9531280 Datasheet PDF - KNIPEX
Part # 9531280
Download  9531280 Download
File Size   150.75 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Cutter (ratchet action)

9531280 Datasheet (PDF)

Go To PDF Page Download Datasheet
9531280 Datasheet PDF - KNIPEX

Part # 9531280
Download  9531280 Click to download

File Size   150.75 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Cutter (ratchet action)

9531280 Datasheet (HTML) - KNIPEX


9531280 Product details

General
Article No. 95 31 280
EAN 4003773043942
Pliers black lacquered
Handles with multi-component grips
Weight 860 g
Dimensions 280 x 131 x 34 mm
Reach no
RohS no




Similar Part No. - 9531280

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9531250 KNIPEX-9531250 Datasheet
309Kb / 3P
Cable Cutter (ratchet action)
05.07.2021
More results


Similar Description - 9531280

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
List of Unclassifed Man...
HTS2500 ETC2-HTS2500 Datasheet
290Kb / 1P
Ratchet Action Modular Plug Crimping Tool
logo
Molex Electronics Ltd.
0638170100 MOLEX11-0638170100 Datasheet
28Kb / 1P
Manual Ribbon Cable Cutter Hand Tool
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
0690080971 MOLEX11-0690080971 Datasheet
42Kb / 1P
Ratchet Spring for Parallel Action Handtool
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com