Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRD07-15GP Datasheet (PDF) - VoltarisTech Inc

GRD07-15GP Datasheet PDF - VoltarisTech Inc
Part # GRD07-15GP
Download  GRD07-15GP Download
File Size   383.79 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER

GRD07-15GP Datasheet (PDF)

Go To PDF Page Download Datasheet
GRD07-15GP Datasheet PDF - VoltarisTech Inc

Part # GRD07-15GP
Download  GRD07-15GP Click to download

File Size   383.79 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER

GRD07-15GP Datasheet (HTML) - VoltarisTech Inc


GRD07-15GP Product details

[Features]
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350°C/10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55°C with no thermal run away
Typical Ir<0.1mA




Similar Part No. - GRD07-15GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
More results


Similar Description - GRD07-15GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
logo
Shenzhen Taychipst Elec...
BYV26AGP TAYCHIPST-BYV26AGP Datasheet
4Mb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
BYV26EGP-15 TAYCHIPST-BYV26EGP-15 Datasheet
2Mb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BYV36AGP GOOD-ARK-BYV36AGP_15 Datasheet
227Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com