Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9532315A Datasheet (PDF) - KNIPEX

9532315A Datasheet PDF - KNIPEX
Part # 9532315A
Download  9532315A Download
File Size   129.73 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Cutter (ratchet action) For steel wire armoured cables (SWA cable)

9532315A Datasheet (PDF)

Go To PDF Page Download Datasheet
9532315A Datasheet PDF - KNIPEX

Part # 9532315A
Download  9532315A Click to download

File Size   129.73 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Cable Cutter (ratchet action) For steel wire armoured cables (SWA cable)

9532315A Datasheet (HTML) - KNIPEX


9532315A Product details

General
Article No. 95 32 315 A
EAN 4003773078562
Pliers black lacquered
Handles with multi-component grips
Weight 800 g
Dimensions 315 x 140 x 30 mm
Reach no
RohS no




Similar Part No. - 9532315A

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9532320 KNIPEX-9532320 Datasheet
201Kb / 2P
Cable Cutter (ratchet principle, 3-stage)
05.07.2021
More results


Similar Description - 9532315A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTS2500 ETC2-HTS2500 Datasheet
290Kb / 1P
Ratchet Action Modular Plug Crimping Tool
logo
Molex Electronics Ltd.
0638170100 MOLEX11-0638170100 Datasheet
28Kb / 1P
Manual Ribbon Cable Cutter Hand Tool
0690080971 MOLEX11-0690080971 Datasheet
42Kb / 1P
Ratchet Spring for Parallel Action Handtool
logo
Richtek Technology Corp...
RT1710 RICHTEK-RT1710 Datasheet
263Kb / 14P
Cable ID for USB Type-C Cables
RT1731 RICHTEK-RT1731 Datasheet
1Mb / 25P
Cable ID for USB Type-C Cables
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
Molex Electronics Ltd.
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
0638171000 MOLEX-0638171000 Datasheet
47Kb / 1P
Cable Stripper for Sensor / Actuator Cables, 3.20-4.40mm Cable Diameter
08/26/2022
0638171600 MOLEX-0638171600 Datasheet
42Kb / 1P
Cable Stripper for Sensor / Actuator Cables, 4.40-7.00mm Cable Diameter
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com