Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9562190T Datasheet (PDF) - KNIPEX

9562190T Datasheet PDF - KNIPEX
Part # 9562190T
Download  9562190T Download
File Size   199.25 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Wire Rope Cutter Forged

9562190T Datasheet (PDF)

Go To PDF Page Download Datasheet
9562190T Datasheet PDF - KNIPEX

Part # 9562190T
Download  9562190T Click to download

File Size   199.25 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Wire Rope Cutter Forged

9562190T Datasheet (HTML) - KNIPEX


9562190T Product details

General
Article No. 95 62 190 T
EAN 4003773080206
Head burnished
Handles with multi-component grips, with integrated tether attachment point
for a tool tether
Weight 345 g
Dimensions 190 x 66 x 24 mm
Reach no
RohS no




Similar Part No. - 9562190T

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9562160 KNIPEX-9562160 Datasheet
152Kb / 2P
Wire Rope Cutter Also for high-strength wire rope
05.07.2021
9562160TC KNIPEX-9562160TC Datasheet
161Kb / 2P
Wire Rope Cutter For tyre cord
05.07.2021
More results


Similar Description - 9562190T

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
logo
Winchester Electronics ...
SD128-25-5 WINCHESTER-SD128-25-5 Datasheet
81Kb / 1P
CAP & WIRE ROPE TNC
12803505 WINCHESTER-12803505 Datasheet
59Kb / 1P
CAP & WIRE ROPE TNC, (M)
logo
Molex Electronics Ltd.
1301250004 MOLEX11-1301250004 Datasheet
33Kb / 1P
Wire Rope Festoon Car Flat
1301250016 MOLEX11-1301250016 Datasheet
42Kb / 1P
Wire Rope Festoon System Flat Cable 13.11m
1301250031 MOLEX11-1301250031 Datasheet
35Kb / 1P
Wire Rope Festoon System Round Cable 6.40m
1301250046 MOLEX11-1301250046 Datasheet
32Kb / 1P
Wire Rope Festoon Hardware Kit
1301250047 MOLEX11-1301250047 Datasheet
31Kb / 1P
Wire Rope Festoon Wire
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com