Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT024N0W240320PMLIPS Datasheet (PDF) - Midas Components

MCT024N0W240320PMLIPS Datasheet PDF - Midas Components
Part # MCT024N0W240320PMLIPS
Download  MCT024N0W240320PMLIPS Download
File Size   1342.9 Kbytes
Page   30 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description Input Voltage: 3.3V(TYP).

MCT024N0W240320PMLIPS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT024N0W240320PMLIPS Datasheet PDF - Midas Components

Part # MCT024N0W240320PMLIPS
Download  MCT024N0W240320PMLIPS Click to download

File Size   1342.9 Kbytes
Page   30 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description Input Voltage: 3.3V(TYP).

MCT024N0W240320PMLIPS Datasheet (HTML) - Midas Components


MCT024N0W240320PMLIPS Product details

Features
- Input Voltage: 3.3V(TYP).
-Display Colors of TFT LCD: 65K/262Kcolors
- Interface: 8/9/16/18-bits MCU interface,1618-bits RGB interface ,3-line/4-line serial interface.

Description
This is a color active matrix TFT (Thin Film Transistor) LCD (liquid crystal display) that uses amorphous silicon TFT
as a switching device. This model is composed of a Transmissive type TFT-LCD Panel, driver circuit , backlight
unit. The resolution of a 2.4”TFT-LCD contains 240x320 pixels, and can display up to 65K/262K colors.




Similar Part No. - MCT024N0W240320PMLIPS

ManufacturerPart #DatasheetDescription
logo
Midas Components
MCT024N0TW240320PMLIPS MIDASDISPLAYS-MCT024N0TW240320PMLIPS Datasheet
1Mb / 28P
Input Voltage: 3.3V(TYP).
22/07/2014
More results


Similar Description - MCT024N0W240320PMLIPS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
APA18 EMERSON-NETWORKPOWER-APA18 Datasheet
202Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
logo
First Components Intern...
LM339 FCI-LM339_1 Datasheet
100Kb / 5P
LM339 Quad Voltage Comparator Low Input Bias Current - 25nA(Typ)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
Low input biasing current: 25nA(Typ.)
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
logo
Hotchip Technology Co.,...
HT9261 HOTCHIP-HT9261 Datasheet
1Mb / 13P
Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com