Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V436664X24V Datasheet (PDF) - Mosel Vitelic, Corp

V436664X24V Datasheet PDF - Mosel Vitelic, Corp
Part # V436664X24V
Download  V436664X24V Download
File Size   299.77 Kbytes
Page   13 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT

V436664X24V Datasheet (PDF)

Go To PDF Page Download Datasheet
V436664X24V Datasheet PDF - Mosel Vitelic, Corp

Part # V436664X24V
Download  V436664X24V Click to download

File Size   299.77 Kbytes
Page   13 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT

V436664X24V Datasheet (HTML) - Mosel Vitelic, Corp


V436664X24V Product details

Description
The V436664X24V memory module is organized 67,108,864x 64 bits in a 144 pin SODIMM. The 64M x 64 memory module uses 16 Mosel-Vitelic 64M x 4 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required.

Features
■ JEDEC-standard 144 pin, Small-Outline, Dual in line Memory Module (SODIMM)
■ Serial Presence Detect with E2PROM
■ Nonbuffered
■ Fully Synchronous, All Signals Registered on Positive Edge of System Clock
■ Single +3.3V (± 0.3V) Power Supply
■ All Device Pins are LVTTL Compatible
■ 8192 Refresh Cycles every 64 ms
■ Self-Refresh Mode
■ Internal Pipelined Operation; Column Address can be changed every System Clock
■ Programmable Burst Lengths: 1, 2, 4, 8
■ Auto Precharge and Piecharge all Banks by A10
■ Data Mask Function by DQM
■ Mode Register Set Programming
■ Programmable (CAS Latency: 2, 3 Clocks)
■ SOC component package




Similar Part No. - V436664X24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-10PC MOSEL-V436664S24VXTG-10PC Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75 MOSEL-V436664S24VXTG-75 Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75PC MOSEL-V436664S24VXTG-75PC Datasheet
184Kb / 12P
3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
More results


Similar Description - V436664X24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
V826664G24S MOSEL-V826664G24S Datasheet
199Kb / 14P
512 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 64M x 64
logo
Elpida Memory
EBD52UC8AKFA-5 ELPIDA-EBD52UC8AKFA-5 Datasheet
152Kb / 19P
512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBD52UC8AKFA-5-E ELPIDA-EBD52UC8AKFA-5-E Datasheet
190Kb / 19P
512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com