Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD41605A6W-FPTLRGB Datasheet (PDF) - Midas Components

MD41605A6W-FPTLRGB Datasheet PDF - Midas Components
Part # MD41605A6W-FPTLRGB
Download  MD41605A6W-FPTLRGB Download
File Size   680.91 Kbytes
Page   6 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MD41605A6W-FPTLRGB Datasheet (PDF)

Go To PDF Page Download Datasheet
MD41605A6W-FPTLRGB Datasheet PDF - Midas Components

Part # MD41605A6W-FPTLRGB
Download  MD41605A6W-FPTLRGB Click to download

File Size   680.91 Kbytes
Page   6 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MD41605A6W-FPTLRGB Datasheet (HTML) - Midas Components


MD41605A6W-FPTLRGB Product details

Display Features
Character Count 4 x 16
Appearance Black on RGB
Logic Voltage 5V
Interface Parallel
Font Set English / Japanese
Display Mode Transflective
Character Height 4.76mm
LC Type FSTN
Module Size 87.00 x 60.00 x 14.50 mm
Operating Temperature -20°C ~ +70°C
Construction COB
LED Backlight RGB




Similar Part No. - MD41605A6W-FPTLRGB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD4 RECTRON-MD4 Datasheet
26Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
logo
Jiangsu APT Semiconduct...
MD400A08D4 APTSEMI-MD400A08D4 Datasheet
121Kb / 3P
Rectifier Diode Modules
MD400A12D4 APTSEMI-MD400A12D4 Datasheet
121Kb / 3P
Rectifier Diode Modules
MD400A16D4 APTSEMI-MD400A16D4 Datasheet
121Kb / 3P
Rectifier Diode Modules
MD400A18D4 APTSEMI-MD400A18D4 Datasheet
121Kb / 3P
Rectifier Diode Modules
More results


Similar Description - MD41605A6W-FPTLRGB

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com