Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2E1BMU31C Datasheet (PDF) - StarTech.com Ltd.

M2E1BMU31C Datasheet PDF - StarTech.com Ltd.
Part # M2E1BMU31C
Download  M2E1BMU31C Download
File Size   73.56 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C 10Gbps to M.2 NVMe SSD Enclosure - Portable External M.2 NGFF PCIe Aluminum Case - 1GB/s Read/Write - Supports 2230, 2242, 2260, 2280 - TB3 Compatible - Mac & PC

M2E1BMU31C Datasheet (PDF)

Go To PDF Page Download Datasheet
M2E1BMU31C Datasheet PDF - StarTech.com Ltd.

Part # M2E1BMU31C
Download  M2E1BMU31C Click to download

File Size   73.56 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C 10Gbps to M.2 NVMe SSD Enclosure - Portable External M.2 NGFF PCIe Aluminum Case - 1GB/s Read/Write - Supports 2230, 2242, 2260, 2280 - TB3 Compatible - Mac & PC

M2E1BMU31C Datasheet (HTML) - StarTech.com Ltd.


M2E1BMU31C Product details

Applications
• Create a portable, high-performance storage solution
• Access your NVMe drive externally with ultra-fast transfer speeds
• Superior speeds are ideal for data-migration related tasks
• Ideal for professionals who require high-speed data access
• Perfect for data recovery, backup or repair

Features
• HIGH PERFORMANCE: M.2 NVMe STORAGE: USB-C storage for your PCIe M.2 SSD. This enclosure features
USB 3.1 Gen 2 (10Gbps) with UASP support & PCIe 3.0 for read/write data transfer speeds up to 1GB/s.
• DURABLE & PORTABLE: Aluminum housing protects the M.2 NGFF SSD and features ventilation holes for heat
dissipation to ensure consistency at all performance levels. Ideal for data backup and recovery.
• BROAD DRIVE COMPATIBILITY: Compatible with M-Key PCI Express drives sized 2230/2242/2260/2280 including
Samsung 950/960/970, Kingston, Seagate, Western Digital (WD), HP, and Intel SSD drives.
• BROAD HOST COMPATIBILITY: USB-C cable included for compatibility with any USB Type-C (USB 3.1 Gen 2 &
USB 3.0) or Thunderbolt 3 (TB3) device. OS Support includes Windows, Mac, Chrome, Linux, & Ubuntu.
• EASY INSTALLATION: The external M.2 NVME SSD enclosure case supports driverless plug-and-play installation
and hassle free drive installation with the small screwdriver you'll need included.




Similar Part No. - M2E1BMU31C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2E1 ETC1-M2E1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results


Similar Description - M2E1BMU31C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-CM8910C ADVANTECH-SQF-CM8910C Datasheet
712Kb / 1P
PCIe III x4 M.2 2280 SSD
logo
Tripp Lite. All Rights ...
U357-1M2-NVMEG2 TRIPPLITE-U357-1M2-NVMEG2 Datasheet
164Kb / 3P
M.2 SSD Enclosure for PlayStation 5 - USB 3.2 Gen 2, PCIe and NVMe, Aluminum Housing
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
logo
Advantech Co., Ltd.
SQF-C3A-720-D ADVANTECH-SQF-C3A-720-D Datasheet
381Kb / 1P
PCIe Gen.3 x2 M.2 2230 SSD
1-Jun-2022
SQF-C4M-720-D ADVANTECH-SQF-C4M-720-D Datasheet
335Kb / 1P
PCIe Gen.3 x4 M.2 2242 SSD
1-Jun-2022
SQF-C8B-720-D ADVANTECH-SQF-C8B-720-D Datasheet
348Kb / 1P
PCIe Gen.3 x2 M.2 2280 SSD
1-Jun-2022
SQF-C8M-720-D ADVANTECH-SQF-C8M-720-D Datasheet
334Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-C8M-930-D ADVANTECH-SQF-C8M-930-D Datasheet
375Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-C8M-ER-1 ADVANTECH-SQF-C8M-ER-1 Datasheet
374Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-CM8-920-D ADVANTECH-SQF-CM8-920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com