Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

974020SB Datasheet (PDF) - KNIPEX

974020SB Datasheet PDF - KNIPEX
Part # 974020SB
Download  974020SB Download
File Size   115.67 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Compression Tool

974020SB Datasheet (PDF)

Go To PDF Page Download Datasheet
974020SB Datasheet PDF - KNIPEX

Part # 974020SB
Download  974020SB Click to download

File Size   115.67 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Compression Tool

974020SB Datasheet (HTML) - KNIPEX


974020SB Product details

General
Article No. 97 40 20 SB
EAN 4003773077626
Weight 430 g
Dimensions 175 x 57 x 25 mm
Reach no
RohS no




Similar Part No. - 974020SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97402E3 VISHAY-97402E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
97402E3 VISHAY-97402E3 Datasheet
106Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results


Similar Description - 974020SB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
CPLCCT-SLM BELDEN-CPLCCT-SLM Datasheet
311Kb / 1P
Linear Compliant Compression Tool
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080770 MOLEX-ATS-640080770 Datasheet
111Kb / 2P
Crimp Tool Kit for 70mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081070 MOLEX-ATS-640081070 Datasheet
112Kb / 2P
Crimp Tool Kit for 150mm2 Compression Lugs
11-03-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com