Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975242SB Datasheet (PDF) - KNIPEX

975242SB Datasheet PDF - KNIPEX
Part # 975242SB
Download  975242SB Download
File Size   348.49 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX PreciForce® Crimping pliers for MC4/MC4 EVO 2 connectors

975242SB Datasheet (PDF)

Go To PDF Page Download Datasheet
975242SB Datasheet PDF - KNIPEX

Part # 975242SB
Download  975242SB Click to download

File Size   348.49 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX PreciForce® Crimping pliers for MC4/MC4 EVO 2 connectors

975242SB Datasheet (HTML) - KNIPEX


975242SB Product details

General
Article No. 97 52 42 SB
EAN 4003773092162
pliers burnished
head burnished
handles with non-slip plastic grips
Weight 488 g
Dimensions 220 x 63 x 23 mm
REACH compliant contains SVHC
RoHS compliant not applicable




Similar Part No. - 975242SB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9752 BELDEN-9752 Datasheet
159Kb / 2P
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9752.060100 BELDEN-9752.060100 Datasheet
159Kb / 2P
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9752.0601000 BELDEN-9752.0601000 Datasheet
159Kb / 2P
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9752.060500 BELDEN-9752.060500 Datasheet
159Kb / 2P
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
List of Unclassifed Man...
975200048 ETC-975200048 Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
More results


Similar Description - 975242SB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-M-SR-6-2 PHOENIX-CRIMPFOX-M-SR-6-2 Datasheet
47Kb / 2P
Die, for MC4 solar connectors, lateral entry, 2.5 - 6 mm짼
CRIMPFOX-SR6-2 PHOENIX-CRIMPFOX-SR6-2 Datasheet
52Kb / 2P
Crimping pliers, for MC4 solar connectors, pressure lock can be unlocked, lateral entry, with 2.5 - 6 mm짼 locator
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
TE Connectivity Ltd
C-2270299 TEC-C-2270299 Datasheet
221Kb / 1P
JUMPER ASSEMBLY, PV4-S FEMALE TO MC4 MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com