Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975265 Datasheet (PDF) - KNIPEX

975265 Datasheet PDF - KNIPEX
Part # 975265
Download  975265 Download
File Size   113.22 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Four-Mandrel Crimping Pliers for turned contacts

975265 Datasheet (PDF)

Go To PDF Page Download Datasheet
975265 Datasheet PDF - KNIPEX

Part # 975265
Download  975265 Click to download

File Size   113.22 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Four-Mandrel Crimping Pliers for turned contacts

975265 Datasheet (HTML) - KNIPEX


975265 Product details

General
Article No. 97 52 65
EAN 4003773045236
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 676 g
Dimensions 230 x 79 x 42 mm
Reach yes
RohS no




Similar Part No. - 975265

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975265DG KNIPEX-975265DG Datasheet
153Kb / 2P
Four-Mandrel Crimping Pliers for turned contacts
05.07.2021
More results


Similar Description - 975265

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-RC-2 PHOENIX-CRIMPFOX-RC-2 Datasheet
48Kb / 2P
Crimping pliers. with positioner, for turned plug-in connector contacts 0.14 mm짼 to 2.5 mm짼
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com