Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975309 Datasheet (PDF) - KNIPEX

975309 Datasheet PDF - KNIPEX
Part # 975309
Download  975309 Download
File Size   546.57 Kbytes
Page   5 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Self-Adjusting Crimping Pliers for wire ferrules With front loading

975309 Datasheet (PDF)

Go To PDF Page Download Datasheet
975309 Datasheet PDF - KNIPEX

Part # 975309
Download  975309 Click to download

File Size   546.57 Kbytes
Page   5 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Self-Adjusting Crimping Pliers for wire ferrules With front loading

975309 Datasheet (HTML) - KNIPEX


975309 Product details

General
Article No. 97 53 09
EAN 4003773044550
Pliers burnished
Handles with multi-component grips
Weight 486 g
Dimensions 190 x 20 x 23 mm
Reach yes
RohS no




Similar Part No. - 975309

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975304 KNIPEX-975304 Datasheet
199Kb / 2P
Self-Adjusting Crimping Pliers for wire ferrules With lateral access
05.07.2021
975308 KNIPEX-975308 Datasheet
199Kb / 2P
Self-Adjusting Crimping Pliers for wire ferrules With front loading
05.07.2021
More results


Similar Description - 975309

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0026 PHOENIX-SF-Z0026 Datasheet
44Kb / 2P
Crimping pliers with digital display
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Weidmuller
9006450000 WEIDMULLER-9006450000 Datasheet
678Kb / 8P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9012600000 WEIDMULLER-9012600000 Datasheet
668Kb / 15P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
Self-Adjusting Wire Strippers
9??7??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com