Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05D Datasheet (PDF) - YAGEO Corporation

05D Datasheet PDF - YAGEO Corporation
Part # 05D
Download  05D Download
File Size   905.02 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description RoHS compliant & Halogen free

05D Datasheet (PDF)

Go To PDF Page Download Datasheet
05D Datasheet PDF - YAGEO Corporation

Part # 05D
Download  05D Click to download

File Size   905.02 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description RoHS compliant & Halogen free

05D Datasheet (HTML) - YAGEO Corporation


05D Product details

Features
■ Wide operating voltage (V1mA) range from 18V to 750V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +105℃
■ Storage Temperature:-40℃ ~ +125℃
■ Safety certification: UL: E327997
CSA: 246579
VDE: 40027827
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 05D

ManufacturerPart #DatasheetDescription
logo
StarHope
05D SPSEMI-05D Datasheet
294Kb / 2P
Varistor Type MYG
logo
HuaXinAn Electronics CO...
05D HUAXINAN-05D Datasheet
472Kb / 6P
Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
05D UNSEMI-05D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
logo
TYEE Products Inc
05D TYEE-05D Datasheet
373Kb / 15P
Varistor Specification
logo
HUAAN LIMITED
05D HUAAN-05D Datasheet
587Kb / 7P
05D Straight Leads
More results


Similar Description - 05D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
RoHS Compliant & Halogen-Free
AP9440GYT-HF A-POWER-AP9440GYT-HF_16 Datasheet
61Kb / 5P
RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
RoHS Compliant & Halogen-Free
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
RoHS Compliant & Halogen Free
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com