Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582 Datasheet (PDF) - Analog Devices

AD1582 Datasheet PDF - Analog Devices
Part # AD1582_V01
Download  AD1582 Download
File Size   432.72 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References

AD1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1582 Datasheet PDF - Analog Devices

Part # AD1582_V01
Download  AD1582 Click to download

File Size   432.72 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References

AD1582 Datasheet (HTML) - Analog Devices


AD1582 Product details

FEATURES
Series reference (2.5 V, 3 V, 4.096 V, 5 V)
Low quiescent current: 70 μA maximum
Current output capability: ±5 mA
Wide supply range: VIN = VOUT + 200 mV to 12 V
Wideband noise (10 Hz to 10 kHz): 50 μV rms
Specified temperature range: −40°C to +125°C
Compact, surface-mount SOT-23 package
Qualified for automotive applications

APPLICATIONS
Portable, battery-powered equipment; for example, notebook computers, cellular phones, pagers, PDAs, GPSs, and DMMs
Computer workstations; suitable for use with a wide range of video RAMDACs
Smart industrial transmitters
PCMCIA cards
Automotive
Hard disk drives
3 V/5 V, 8-bit/12-bit data converters




Similar Part No. - AD1582_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1582A AD-AD1582A Datasheet
167Kb / 12P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582ART-R2 AD-AD1582ART-R2 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582ART-REEL7 AD-AD1582ART-REEL7 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582ART-REEL7 AD-AD1582ART-REEL7 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582ARTZ-R2 AD-AD1582ARTZ-R2 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results


Similar Description - AD1582_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1582 AD-AD1582 Datasheet
167Kb / 12P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582 AD-AD1582 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com