Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4006 Datasheet (PDF) - Analog Devices

AD4006 Datasheet PDF - Analog Devices
Part # AD4006
Download  AD4006 Download
File Size   1805.47 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs

AD4006 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4006 Datasheet PDF - Analog Devices

Part # AD4006
Download  AD4006 Click to download

File Size   1805.47 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs

AD4006 Datasheet (HTML) - Analog Devices


AD4006 Product details

FEATURES Easy Drive Greatly reduced input kickback
Input current reduced to 0.5 μA/MSPS
Enhanced acquisition phase, ≥79% of cycle time at 1 MSPS First conversion accurate, no latency or pipeline delay
Input span compression for single-supply operation
Fast conversion allows low SPI clock rates Input overvoltage clamp protection sinks up to 50 mA SPI-/QSPI-/MICROWIRE-/DSP-compatible serial interface High performance
Pseudo differential analog input range 0 V to VREF with VREF from 2.4 V to 5.1 V Throughput: 2 MSPS/1 MSPS/500 kSPS options
INL: ±3.2 LSB maximum
Guaranteed 18-bit, no missing codes SNR: 95 dB at fIN = 1 kHz at VREF = 5 V
THD: −125 dB at fIN = 1 kHz, −108 dB at fIN = 100 kHz SINAD: 84.5 dB at fIN = 1 MHz (see Figure 17) Oversampled dynamic range
98 dB for OSR = 2 125 dB for OSR = 1024 Low power Single 1.8 V supply operation with 1.71 V to 5.5 V logic
interface 2.5 mW at 500 kSPS (VDD only) 70 μW at 10 kSPS, 14 mW at 2 MSPS (total power)
10-lead packages: 3 mm × 3 mm LFCSP, 3 mm × 4.90 mm MSOP
Pin compatible with AD4003/AD4007/AD4011 family
Guaranteed operation: −40°C to +125°C

APPLICATIONS
Automated test equipment Machine automation
Medical equipment
Battery-powered equipment Precision data acquisition systems Instrumentation and control systems




Similar Part No. - AD4006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4006 AD-AD4006 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. PrA
More results


Similar Description - AD4006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com