Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5592R Datasheet (PDF) - Analog Devices

AD5592R Datasheet PDF - Analog Devices
Part # AD5592R
Download  AD5592R Download
File Size   3413.57 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 12-Bit, Configurable ADC/DAC with On-Chip Reference, SPI Interface

AD5592R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5592R Datasheet PDF - Analog Devices

Part # AD5592R
Download  AD5592R Click to download

File Size   3413.57 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 12-Bit, Configurable ADC/DAC with On-Chip Reference, SPI Interface

AD5592R Datasheet (HTML) - Analog Devices


AD5592R Product details

FEATURES
► 8-channel, configurable ADC/DAC/GPIO
► Configurable as any combination of
► 8 × 12-bit DAC channels
► 8 × 12-bit ADC channels
► 8 × general-purpose digital input/output pins
► Integrated temperature sensor
► SPI interface
► 2.7 V to 5.5 V power supply
► 1.8 V logic compatibility (AD5592R-1)
► Available in
► 16-ball, 2 mm × 2 mm WLCSP
► 16-lead, 3 mm × 3 mm LFCSP
► 16-lead TSSOP
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Control and monitoring
► General-purpose analog and digital inputs/outputs




Similar Part No. - AD5592R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5592RBCBZ-1-RL7 AD-AD5592RBCBZ-1-RL7 Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5592RBCBZ-RL7 AD-AD5592RBCBZ-RL7 Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5592RBCPZ-1-RL7 AD-AD5592RBCPZ-1-RL7 Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5592RBCPZ-RL7 AD-AD5592RBCPZ-RL7 Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
More results


Similar Description - AD5592R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
8-Channel, 12-Bit SAR ADC with IC Interface
logo
Analog Devices
AD5593R AD-AD5593R_17 Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
logo
Texas Instruments
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
984Kb / 76P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI-ADS7038-Q1_V01 Datasheet
2Mb / 88P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com