Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5602 Datasheet (PDF) - Analog Devices

AD5602 Datasheet PDF - Analog Devices
Part # AD5602
Download  AD5602 Download
File Size   616.28 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70

AD5602 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5602 Datasheet PDF - Analog Devices

Part # AD5602
Download  AD5602 Click to download

File Size   616.28 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70

AD5602 Datasheet (HTML) - Analog Devices


AD5602 Product details

FEATURES
Single 8-, 10-, 12-bit DACs, 2 LSB INL
6-lead LFCSP and SC70 packages
Micropower operation: 100 μA maximum at 5 V
Power down to <150 nA at 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to 0 V with brownout detection
3 power-down functions
I2C compatible serial interface supports standard (100 kHz), fast (400 kHz), and high speed (3.4 MHz) modes
On-chip output buffer amplifier, rail-to-rail operation

APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators




Similar Part No. - AD5602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5602 AD-AD5602 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5602 AD-AD5602 Datasheet
1Mb / 24P
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
Rev. F
AD5602BKSZ-2500RL7 AD-AD5602BKSZ-2500RL7 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5602BKSZ-2500RL7 AD-AD5602BKSZ-2500RL7 Datasheet
1Mb / 24P
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
Rev. F
AD5602BKSZ-2REEL7 AD-AD5602BKSZ-2REEL7 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
More results


Similar Description - AD5602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
AD5602 AD-AD5602 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5541A AD-AD5541A Datasheet
1Mb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com