Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7386 Datasheet (PDF) - Analog Devices

AD7386 Datasheet PDF - Analog Devices
Part # AD7386
Download  AD7386 Download
File Size   675.35 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 4 MSPS, 16-Bit/14-Bit/12-Bit, Dual, Simultaneous Sampling SAR ADCs

AD7386 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7386 Datasheet PDF - Analog Devices

Part # AD7386
Download  AD7386 Click to download

File Size   675.35 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 4 MSPS, 16-Bit/14-Bit/12-Bit, Dual, Simultaneous Sampling SAR ADCs

AD7386 Datasheet (HTML) - Analog Devices


AD7386 Product details

FEATURES
16-bit, 14-bit, or 12-bit dual simultaneous sampling SAR ADC
Single-ended analog inputs
4-channel with 2:1 multiplexers
Channel sequencer mode
High throughput rate of up to 4 MSPS
SNR (typical)
87.5 dB (AD7386), VREF = 3.3 V external
84 dB (AD7387), VREF = 3.3 V external
73.8 dB (AD7388)
93 dB with OSR = 8, VREF = 2.5 V internal (AD7386)
On-chip oversampling functions
INL (typical)
±1.5 LSB (AD7386)
±0.5 LSB (AD7387)
±0.2 LSB (AD7388)
Resolution boost function
2.5 V internal reference at 10 ppm/°C (maximum)
Alert function
−40°C to +125°C temperature range
16-lead, 3 mm × 3 mm LFCSP

APPLICATIONS
Motor control position feedback
Motor control current sense
Sonars
Power quality
Data acquisition systems
Erbium doped fiber amplifier (EDFA) applications
Inphase and quadrature demodulation




Similar Part No. - AD7386

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7386 AD-AD7386 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD7386 AD-AD7386 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD7386 AD-AD7386 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7386 AD-AD7386 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7386 AD-AD7386 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
More results


Similar Description - AD7386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
logo
Maxim Integrated Produc...
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD4684 AD-AD4684 Datasheet
1Mb / 32P
1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com