Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221AR Datasheet (PDF) - Analog Devices

AD8221AR Datasheet PDF - Analog Devices
Part # AD8221AR
Download  AD8221AR Download
File Size   603.77 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD8221AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8221AR Datasheet PDF - Analog Devices

Part # AD8221AR
Download  AD8221AR Click to download

File Size   603.77 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD8221AR Datasheet (HTML) - Analog Devices


AD8221AR Product details

FEATURES
Easy to use
Available in space-saving MSOP
Gain set with 1 external resistor (gain range 1 to 1000)
Wide power supply range: ±2.3 V to ±18 V
Temperature range for specified performance:
−40°C to +85°C
Operational up to 125°C1
Excellent AC specifications
80 dB minimum CMRR to 10 kHz (G = 1)
825 kHz, –3 dB bandwidth (G = 1)
2 V/μs slew rate
Low noise
8 nV/&Hz, @ 1 kHz, maximum input voltage noise
0.25 μV p-p input noise (0.1 Hz to 10 Hz)
High accuracy dc performance (AD8221BR)
90 dB minimum CMRR (G = 1)
25 μV maximum input offset voltage
0.3 μV/°C maximum input offset drift
0.4 nA maximum input bias current

APPLICATIONS
Weigh scales
Industrial process controls
Bridge amplifiers
Precision data acquisition systems
Medical instrumentation
Strain gages
Transducer interfaces




Similar Part No. - AD8221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221AR AD-AD8221AR Datasheet
1Mb / 20P
Precision Instrumentation Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD8221AR AD-AD8221AR Datasheet
708Kb / 24P
Precision Instrumentation Amplifier
REV. B
AD8221AR AD-AD8221AR Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
AD8221AR AD-AD8221AR Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
AD8221AR-REEL AD-AD8221AR-REEL Datasheet
1Mb / 20P
Precision Instrumentation Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
More results


Similar Description - AD8221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com