Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC434 Datasheet (PDF) - Analog Devices

HMC434 Datasheet PDF - Analog Devices
Part # HMC434
Download  HMC434 Download
File Size   346.12 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.2 GHz to 8 GHz, GaAs, HBT MMIC, Divide by 8 Prescaler

HMC434 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC434 Datasheet PDF - Analog Devices

Part # HMC434
Download  HMC434 Click to download

File Size   346.12 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.2 GHz to 8 GHz, GaAs, HBT MMIC, Divide by 8 Prescaler

HMC434 Datasheet (HTML) - Analog Devices


HMC434 Product details

FEATURES
Ultralow SSB phase noise: −150 dBc/Hz typical
Single-ended input/outputs
Output power: −2 dBm typical
Single supply operation: 3 V
Ultrasmall, surface-mount, 2.90 mm × 2.80 mm, 6-lead SOT-23 package




Similar Part No. - HMC434

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC434 HITTITE-HMC434 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8.0 GHz
HMC434 HITTITE-HMC434 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
HMC434 HITTITE-HMC434 Datasheet
298Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8.0 GHz
logo
Analog Devices
HMC434 AD-HMC434 Datasheet
357Kb / 6P
SMT GaAs HBT MMIC
logo
Hittite Microwave Corpo...
HMC434E HITTITE-HMC434E Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
More results


Similar Description - HMC434

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363 HITTITE-HMC363 Datasheet
188Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363 HITTITE-HMC363_07 Datasheet
212Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
logo
Agilent(Hewlett-Packard...
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
HMMC-3028 HP-HMMC-3028 Datasheet
790Kb / 9P
DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-8 Prescaler
logo
Hittite Microwave Corpo...
HMC363 HITTITE-HMC363_09 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363 AD-HMC363 Datasheet
311Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com