Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LC3 Datasheet (PDF) - Analog Devices

HMC451LC3 Datasheet PDF - Analog Devices
Part # HMC451LC3
Download  HMC451LC3 Download
File Size   1218.06 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz

HMC451LC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC451LC3 Datasheet PDF - Analog Devices

Part # HMC451LC3
Download  HMC451LC3 Click to download

File Size   1218.06 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz

HMC451LC3 Datasheet (HTML) - Analog Devices


HMC451LC3 Product details

Features
Gain: 19 dB
Saturated Power: +21 dBm @ 21% PAE
Output IP3: +30 dBm
Single Supply: +5V @ 114 mA
50 Ohm Matched Input/Output
RoHS Compliant 3 x 3 mm SMT package




Similar Part No. - HMC451LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
More results


Similar Description - HMC451LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com