Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC519LC4 Datasheet (PDF) - Analog Devices

HMC519LC4 Datasheet PDF - Analog Devices
Part # HMC519LC4
Download  HMC519LC4 Download
File Size   1723.13 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz

HMC519LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC519LC4 Datasheet PDF - Analog Devices

Part # HMC519LC4
Download  HMC519LC4 Click to download

File Size   1723.13 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz

HMC519LC4 Datasheet (HTML) - Analog Devices


HMC519LC4 Product details

Features
Noise Figure: 3.5 dB
Gain: 14 dB
Output IP3: +23 dBm
Single Supply: +3V @ 75 mA
50 Ohm Matched Input/Output
24 Lead Ceramic 4x4mm SMT Package: 16mm2




Similar Part No. - HMC519LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
Analog Devices
HMC519LC4 AD-HMC519LC4 Datasheet
351Kb / 6P
Point-to-Point Radios
More results


Similar Description - HMC519LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
EVAL-ADL8142 AD-EVAL-ADL8142 Datasheet
366Kb / 5P
Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com