Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC635LC4 Datasheet (PDF) - Analog Devices

HMC635LC4 Datasheet PDF - Analog Devices
Part # HMC635LC4
Download  HMC635LC4 Download
File Size   1226.79 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz

HMC635LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC635LC4 Datasheet PDF - Analog Devices

Part # HMC635LC4
Download  HMC635LC4 Click to download

File Size   1226.79 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz

HMC635LC4 Datasheet (HTML) - Analog Devices


HMC635LC4 Product details

Features
Gain: 18.5 dB
P1dB: +22 dBm
Output IP3: +27 dBm
Saturated Power: +23.5 dBm @ 15% PAE
Supply Voltage: +5V @ 280 mA
50 Ohm Matched Input/Output
24 Lead Ceramic 4x4mm SMT Package: 16mm2




Similar Part No. - HMC635LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635LC4 AD-HMC635LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
More results


Similar Description - HMC635LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com