Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28100101 Datasheet (PDF) - ROSE Systemtechnik GmbH

28100101 Datasheet PDF - ROSE Systemtechnik GmbH
Part # 28100101
Download  28100101 Download
File Size   642.07 Kbytes
Page   2 Pages
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH
Description Ex Control Station CS Box

28100101 Datasheet (PDF)

Go To PDF Page Download Datasheet
28100101 Datasheet PDF - ROSE Systemtechnik GmbH

Part # 28100101
Download  28100101 Click to download

File Size   642.07 Kbytes
Page   2 Pages
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH
Description Ex Control Station CS Box

28100101 Datasheet (HTML) - ROSE Systemtechnik GmbH


28100101 Product details

- Polyamide enclosure system for individual
fi tting of 22.5 mm control switches (lid
mounting or base mounting) and indication
devices
- Execution either with 22.5 mm lid holes
or without lid holes
- Gland holes M20 / M25 on two sides




Similar Part No. - 28100101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281001 LITTELFUSE-281001 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
More results


Similar Description - 28100101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2PGR ETC2-RC2PGR Datasheet
471Kb / 3P
Control Station 2 Position - Plastic
logo
PHOENIX CONTACT
2701204 PHOENIX-2701204 Datasheet
55Kb / 2P
Control box - FL RUGGED BOX
2701430 PHOENIX-2701430 Datasheet
57Kb / 2P
Control box - FL RUGGED BOX OMNI-1
2701439 PHOENIX-2701439 Datasheet
78Kb / 3P
Control box - FL RUGGED BOX OMNI-2
logo
Schneider Electric
XACA871 SCHNEIDER-XACA871 Datasheet
109Kb / 5P
pendant control station XAC-A - 8 pushbuttons
Aug 11, 2019
9001SKY4 SCHNEIDER-9001SKY4 Datasheet
128Kb / 2P
30MM CONTROL STATION 4HOLE PLASTIC
Jan 20, 2022
9001SKY6 SCHNEIDER-9001SKY6 Datasheet
89Kb / 2P
30MM CONTROL STATION 6HOLE PLASTIC
Jan 20, 2022
XACA271 SCHNEIDER-XACA271 Datasheet
112Kb / 5P
pendant control station XAC-A - 2 pushbuttons
Aug 17, 2019
XACB219 SCHNEIDER-XACB219 Datasheet
136Kb / 5P
pendant control station XAC-B - 2 pushbuttons
Mar 21, 2022
XACB220 SCHNEIDER-XACB220 Datasheet
130Kb / 5P
pendant control station XAC-B - 2 pushbuttons
Mar 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com