Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA-1CH-LED-TESTER-USB-01 Datasheet (PDF) - Intelligent LED Solutions

ILA-1CH-LED-TESTER-USB-01 Datasheet PDF - Intelligent LED Solutions
Part # ILA-1CH-LED-TESTER-USB-01
Download  ILA-1CH-LED-TESTER-USB-01 Download
File Size   1038.34 Kbytes
Page   4 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Linear LED Driver Assembly

ILA-1CH-LED-TESTER-USB-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILA-1CH-LED-TESTER-USB-01 Datasheet PDF - Intelligent LED Solutions

Part # ILA-1CH-LED-TESTER-USB-01
Download  ILA-1CH-LED-TESTER-USB-01 Click to download

File Size   1038.34 Kbytes
Page   4 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description Linear LED Driver Assembly

ILA-1CH-LED-TESTER-USB-01 Datasheet (HTML) - Intelligent LED Solutions


ILA-1CH-LED-TESTER-USB-01 Product details

Technical Features
Selectable drive currents between 50mA and 350mA
Drive current can be easily changed with a 6 way DIP Switch
Runs from a USB power source
Drives a wide range of power LEDs
Can drive single LEDs or parallel LED chains
Applications
Testing LEDs
Comparing different LEDs
Checking different LED drive currents
Laboratory testing
Lighting product development




Similar Part No. - ILA-1CH-LED-TESTER-USB-01

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
ILA-1CH-LED-TESTER-USB-01 ILS-ILA-1CH-LED-TESTER-USB-01 Datasheet
1Mb / 9P
OSLON® Black 1 PowerStar IR
Version V5
More results


Similar Description - ILA-1CH-LED-TESTER-USB-01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
Linear LED Driver IC
logo
SHANGHAI BELLING CO., L...
BL8585 BELLING-BL8585 Datasheet
168Kb / 6P
WIDE RANGE, LINEAR LED DRIVER
logo
Supertex, Inc
CL8800K63-G SUTEX-CL8800K63-G Datasheet
745Kb / 7P
Sequential Linear LED Driver
logo
Microchip Technology
CL8800 MICROCHIP-CL8800 Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
Linear LED Driver
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
Linear LED Driver IC
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
80W Linear LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com