Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2ACR-15C-USB-CABLE Datasheet (PDF) - StarTech.com Ltd.

R2ACR-15C-USB-CABLE Datasheet PDF - StarTech.com Ltd.
Part # R2ACR-15C-USB-CABLE
Download  R2ACR-15C-USB-CABLE Download
File Size   70.67 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in (15cm) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - Short USB Charging Cord

R2ACR-15C-USB-CABLE Datasheet (PDF)

Go To PDF Page Download Datasheet
R2ACR-15C-USB-CABLE Datasheet PDF - StarTech.com Ltd.

Part # R2ACR-15C-USB-CABLE
Download  R2ACR-15C-USB-CABLE Click to download

File Size   70.67 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in (15cm) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - Short USB Charging Cord

R2ACR-15C-USB-CABLE Datasheet (HTML) - StarTech.com Ltd.


R2ACR-15C-USB-CABLE Product details

Features
• RIGHT ANGLE USB-C CABLE: Short 6in (15cm) USB A to C charging cable features a right angle USB-C
connector - Ideal for tight spots allowing the cable to run flush with the device - Reduces strain on the port and
connector vs. a straight angled cable
• RUGGED DESIGN: USB-A to USB Type-C cable reinforced with aramid fiber for increased tensile strength - Tested
to withstand 10000+ insertions and 5000+ bend cycles at 180 angle - Durable TPE jacket and strain reliefs resist
damage from repeated use
• FAST CHARGE AND SYNC: Supporting up to 3A for fast charging from a USB port or Quick Charge enabled
port/power adapter, this high quality cord is designed to charge and sync USB-C or USB-A devices
• USB-C COMPATIBILITY: Heavy duty data transfer cable to charge and sync USB Type-C devices including iPad
Pro/iPad/Mini, Samsung Galaxy S20/S20+/S21/S21+/S22/S22+, One Plus, and Google Pixel 6/Pro/6a - Charge from
USB-C docks/portable chargers/car chargers
• SPECS: Length: 6in (15cm) - Color: Black - Connectors: Male USB-C to Male USB-A - Performance: USB 2.0 -
Braid Material: Aramid Fiber - Power: Up to 3A - Jacket Type: TPE - Shielding: EMI Protection with Aluminum/Mylar -
Backed for Life




Similar Part No. - R2ACR-15C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2ACR-1M-USB-CABLE STARTECH-R2ACR-1M-USB-CABLE Datasheet
70Kb / 3P
3ft (1m) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
More results


Similar Description - R2ACR-15C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U038-003-GY-MAX TRIPPLITE-U038-003-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 3 ft. (0.9m)
U038-006-GY-MAX TRIPPLITE-U038-006-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 6 ft. (1.8m)
U038-010-GY-MAX TRIPPLITE-U038-010-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 10 ft. (3m)
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com