Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCC-50C-USB-CABLE Datasheet (PDF) - StarTech.com Ltd.

R2CCC-50C-USB-CABLE Datasheet PDF - StarTech.com Ltd.
Part # R2CCC-50C-USB-CABLE
Download  R2CCC-50C-USB-CABLE Download
File Size   86.47 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 20in (50cm) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black

R2CCC-50C-USB-CABLE Datasheet (PDF)

Go To PDF Page Download Datasheet
R2CCC-50C-USB-CABLE Datasheet PDF - StarTech.com Ltd.

Part # R2CCC-50C-USB-CABLE
Download  R2CCC-50C-USB-CABLE Click to download

File Size   86.47 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 20in (50cm) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black

R2CCC-50C-USB-CABLE Datasheet (HTML) - StarTech.com Ltd.


R2CCC-50C-USB-CABLE Product details

Features
• USB C CHARGING CABLE: Coiling cable stretches up to 20in (50cm) and contracts to 12.5in (32cm) preventing it from being tangled; Strong but soft flexible TPE jacket, makes it easy to coil and put away in vehicle console or glove
compartment
• RUGGED DESIGN: USB Type-C cable reinforced with aramid fiber for increased tensile strength; Tested to
withstand 10000+ insertions & 5000+ bend cycles at 180 angle; Durable TPE jacket and strain relief; TPE is
non-toxic, halogen free
• FAST CHARGE AND SYNC : Supporting up to 3A for fast charging from a USB-C port or Quick Charge power
adapter, this high quality cord is designed to charge and sync your USB C devices
• USB-C COMPATIBILITY: Heavy duty data transfer cable allows you to charge and sync your USB Type C devices
including your iPad Pro, iPad Mini, Samsung Galaxy S8, S9, S10, S20, S20+, One Plus & Google Pixel 3a, 3, 4, 5, 6
series
• SPECS: Length: 20in (50cm) Color: Black Connectors: USB-C to USB-C Performance: USB 2.0 Material: Aramid
Fiber Power: 3A Jacket Type: TPE Shielding: EMI Protection




Similar Part No. - R2CCC-50C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2CCC-1M-USB-CABLE STARTECH-R2CCC-1M-USB-CABLE Datasheet
86Kb / 3P
3ft (1m) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black
More results


Similar Description - R2CCC-50C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632910731611 WURTH-632910731611 Datasheet
368Kb / 2P
CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com