Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCR-15C-USB-CABLE Datasheet (PDF) - StarTech.com Ltd.

R2CCR-15C-USB-CABLE Datasheet PDF - StarTech.com Ltd.
Part # R2CCR-15C-USB-CABLE
Download  R2CCR-15C-USB-CABLE Download
File Size   72.57 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in (15cm) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - Short USB Charging Cord

R2CCR-15C-USB-CABLE Datasheet (PDF)

Go To PDF Page Download Datasheet
R2CCR-15C-USB-CABLE Datasheet PDF - StarTech.com Ltd.

Part # R2CCR-15C-USB-CABLE
Download  R2CCR-15C-USB-CABLE Click to download

File Size   72.57 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in (15cm) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - Short USB Charging Cord

R2CCR-15C-USB-CABLE Datasheet (HTML) - StarTech.com Ltd.


R2CCR-15C-USB-CABLE Product details

Features
• RIGHT ANGLE USB-C CABLE: Short 6in (15cm) USB C charging cable features a right angle USB-C connector - Ideal for tight spots allowing the cable to run flush with the device - Reduces strain on the port and connector vs. a
straight angled cable
• RUGGED DESIGN: USB Type-C cable reinforced with aramid fiber for increased tensile strength - Tested to
withstand 10000+ insertions and 5000+ bend cycles at 180 angle - Durable TPE jacket and strain reliefs resist
damage from repeated use
• FAST CHARGE AND SYNC: Supports Power Delivery up to 60W at 3A for fast charging from a USB port or Quick
Charge enabled port/power adapter - High quality cord designed to charge and sync USB-C devices - Use with
USB-C ports and 18W/30W/45W/60W chargers
• USB-C COMPATIBILITY: Heavy duty data transfer cable to charge and sync USB Type-C devices including iPad
Pro/iPad/Mini, Samsung Galaxy S20/S20+/S21/S21+/S22/S22+, One Plus, and Google Pixel 6/Pro/6a - Charge from
USB-C docks/portable chargers/car chargers
• SPECS: Length: 6in (15cm) - Color: Black - Connectors: Male USB-C to Male USB-C - Performance: USB 2.0 -
Braid Material: Aramid Fiber - Power: Up to 60W/3A - Jacket Type: TPE - Shielding: EMI Protection with
Aluminum/Mylar - Backed for Life




Similar Part No. - R2CCR-15C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2CCR-1M-USB-CABLE STARTECH-R2CCR-1M-USB-CABLE Datasheet
72Kb / 3P
3ft (1m) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
More results


Similar Description - R2CCR-15C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Tripp Lite. All Rights ...
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U040-01M-C-RA TRIPPLITE-U040-01M-C-RA Datasheet
162Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 1 m (3.3 ft.)
U040-02M-C-RA TRIPPLITE-U040-02M-C-RA Datasheet
162Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 2 m (6.6 ft.)
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com