Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

979006 Datasheet (PDF) - KNIPEX

979006 Datasheet PDF - KNIPEX
Part # 979006
Download  979006 Download
File Size   146.32 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimp Assortment For wire ferrules

979006 Datasheet (PDF)

Go To PDF Page Download Datasheet
979006 Datasheet PDF - KNIPEX

Part # 979006
Download  979006 Click to download

File Size   146.32 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimp Assortment For wire ferrules

979006 Datasheet (HTML) - KNIPEX


979006 Product details

General
Article No. 97 90 06
EAN 4003773025542
Weight 1,000 g
Dimensions 170 x 68 mm
Standard DIN 46228-4: 2020-03
Reach no
RohS no




Similar Part No. - 979006

ManufacturerPart #DatasheetDescription
logo
KNIPEX
979005 KNIPEX-979005 Datasheet
145Kb / 2P
Crimp Assortment For wire ferrules
05.07.2021
979009 KNIPEX-979009 Datasheet
146Kb / 2P
Crimp Assortment For wire ferrules
05.07.2021
More results


Similar Description - 979006

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
9025900000 WEIDMULLER-9025900000 Datasheet
151Kb / 2P
Assortment of wire end ferrules, Box, Colour code:Weidm체ller
September 28, 2021
logo
Molex Electronics Ltd.
200218-0700 MOLEX-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
63816-1730 MOLEX-63816-1730 Datasheet
316Kb / 4P
Power Crimp Head For Wire Ferrules
08-28-18
200218-5000 MOLEX-200218-5000 Datasheet
484Kb / 4P
Hand Crimp Tool with Front and Side Entry for Wire Ferrules
10-08-18
2002180600 MOLEX-2002180600 Datasheet
861Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
2002180700 MOLEX-2002180700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
200218-0700 MOLEX2-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com