Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9799909 Datasheet (PDF) - KNIPEX

9799909 Datasheet PDF - KNIPEX
Part # 9799909
Download  9799909 Download
File Size   112.25 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Assortment Boxes With Twin wire ferrules

9799909 Datasheet (PDF)

Go To PDF Page Download Datasheet
9799909 Datasheet PDF - KNIPEX

Part # 9799909
Download  9799909 Click to download

File Size   112.25 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Assortment Boxes With Twin wire ferrules

9799909 Datasheet (HTML) - KNIPEX


9799909 Product details

General
Article No. 97 99 909
EAN 4003773082484
Weight 85 g
Dimensions 90 x 44 mm
Reach no
RohS no




Similar Part No. - 9799909

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9799905 KNIPEX-9799905 Datasheet
107Kb / 1P
Assortment Boxes With insulated wire ferrules
05.07.2021
9799906 KNIPEX-9799906 Datasheet
112Kb / 1P
Assortment Boxes With insulated wire ferrules
05.07.2021
9799907 KNIPEX-9799907 Datasheet
113Kb / 1P
Assortment Boxes With insulated wire ferrules
05.07.2021
9799908 KNIPEX-9799908 Datasheet
114Kb / 1P
Assortment Boxes With Twin wire ferrules
05.07.2021
More results


Similar Description - 9799909

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YFTW1413T HUBBELL-YFTW1413T Datasheet
260Kb / 2P
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 14 AWG, 0.88
YFTW2008T HUBBELL-YFTW2008T Datasheet
262Kb / 2P
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.60
YFTW2010D HUBBELL-YFTW2010D Datasheet
260Kb / 2P
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.68
YFTW2010T HUBBELL-YFTW2010T Datasheet
260Kb / 2P
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.69
YFTW2208T HUBBELL-YFTW2208T Datasheet
260Kb / 2P
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 22 AWG, 0.60
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
9025900000 WEIDMULLER-9025900000 Datasheet
151Kb / 2P
Assortment of wire end ferrules, Box, Colour code:Weidm체ller
September 28, 2021
logo
SparkFun Electronics
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com