Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9214 Datasheet (PDF) - Analog Devices

AD9214 Datasheet PDF - Analog Devices
Part # AD9214
Download  AD9214 Download
File Size   479.02 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS

AD9214 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9214 Datasheet PDF - Analog Devices

Part # AD9214
Download  AD9214 Click to download

File Size   479.02 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS

AD9214 Datasheet (HTML) - Analog Devices


AD9214 Product details

FEATURES
SNR = 57 dB @ 39 MHz Analog Input (–0.5 dBFS)
Low Power
190 mW at 65 MSPS
285 mW at 105 MSPS
30 mW Power-Down Mode
300 MHz Analog Bandwidth
On-Chip Reference and Track/Hold
1 V p-p or 2 V p-p Analog Input Range Option
Single 3.3 V Supply Operation (2.7 V–3.6 V)
Two’s Complement or Offset Binary Data Format Option

APPLICATIONS
Battery-Powered Instruments
Hand-Held Scopemeters
Low-Cost Digital Oscilloscopes
Ultrasound Equipment
Cable Reverse Path
Broadband Wireless
Residential Power Line Networks




Similar Part No. - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9214 AD-AD9214 Datasheet
479Kb / 21P
3V A/D Converter
Rev. D
AD9214-105PCB AD-AD9214-105PCB Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9214-105PCB AD-AD9214-105PCB Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214-65PCB AD-AD9214-65PCB Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
More results


Similar Description - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
1Mb / 24P
10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV.0
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com