Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106 Datasheet (PDF) - Analog Devices

ADF4106 Datasheet PDF - Analog Devices
Part # ADF4106
Download  ADF4106 Download
File Size   350.39 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PLL Frequency Synthesizer

ADF4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4106 Datasheet PDF - Analog Devices

Part # ADF4106
Download  ADF4106 Click to download

File Size   350.39 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PLL Frequency Synthesizer

ADF4106 Datasheet (HTML) - Analog Devices


ADF4106 Product details

FEATURES
6.0 GHz bandwidth
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows extended
tuning voltage in 3 V systems
Programmable dual-modulus prescaler
8/9, 16/17, 32/33, 64/65
Programmable charge pump currents
Programmable antibacklash pulse width
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode

APPLICATIONS
Broadband wireless access
Satellite systems
Instrumentation
Wireless LANS
Base stations for wireless radios




Similar Part No. - ADF4106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
PLL Frequency Synthesizer
REV.0
ADF4106BCP AD-ADF4106BCP Datasheet
228Kb / 20P
PLL Frequency Synthesizer
REV.0
ADF4106BCPZ AD-ADF4106BCPZ Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4106BCPZ AD-ADF4106BCPZ Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4106BCPZ-R7 AD-ADF4106BCPZ-R7 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
More results


Similar Description - ADF4106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com