Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG726 Datasheet (PDF) - Analog Devices

ADG726 Datasheet PDF - Analog Devices
Part # ADG726
Download  ADG726 Download
File Size   348.54 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and

ADG726 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG726 Datasheet PDF - Analog Devices

Part # ADG726
Download  ADG726 Click to download

File Size   348.54 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and

ADG726 Datasheet (HTML) - Analog Devices


ADG726 Product details

FEATURES
1.8 V to 5.5 V single-supply operation
±2.5 V dual-supply operation
On resistance: 4 Ω at 25°C (+5 V single supply/±2.5 V dual
supply)
0.5 Ω on-resistance flatness at 25°C (+5 V single supply/ ±2.5 V dual supply)
Rail-to-rail operation
Transition times: 23 ns typical at 25°C Single 32-to-1 channel multiplexer
Dual/differential 16-to-1 channel multiplexer TTL-/CMOS-compatible inputs
48-lead TQFP or 48-lead, 7 mm × 7 mm LFCSP

APPLICATIONS
Optical applications
Data acquisition systems Communication systems
Relay replacement
Audio and video switching
Battery-powered systems
Medical instrumentation
Automatic test equipment (ATE)




Similar Part No. - ADG726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG726 AD-ADG726 Datasheet
201Kb / 13P
16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726 AD-ADG726 Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BCP AD-ADG726BCP Datasheet
201Kb / 13P
16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726BCP AD-ADG726BCP Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BCP AD-ADG726BCP Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results


Similar Description - ADG726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726 AD-ADG726 Datasheet
201Kb / 13P
16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com