Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1404 Datasheet (PDF) - Analog Devices

ADG1404 Datasheet PDF - Analog Devices
Part # ADG1404
Download  ADG1404 Download
File Size   465.03 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 Ω On Resistance, ±15 V/12 V/±5 V, 4:1, iCMOS Multiplexer

ADG1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1404 Datasheet PDF - Analog Devices

Part # ADG1404
Download  ADG1404 Click to download

File Size   465.03 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 Ω On Resistance, ±15 V/12 V/±5 V, 4:1, iCMOS Multiplexer

ADG1404 Datasheet (HTML) - Analog Devices


ADG1404 Product details

FEATURES
1.5 Ω on resistance 0.3 Ω on-resistance flatness 0.1 Ω on-resistance match between channels
Up to 400 mA continuous current
Fully specified at +12 V, ±15 V, and ±5 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation
14-lead TSSOP and 4 mm × 4 mm, 16-lead LFCSP

APPLICATIONS
Automatic test equipment Data acquisition systems Battery-powered systems Sample-and-hold systems Audio signal routing
Communication systems Relay replacement




Similar Part No. - ADG1404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1404YCPZ-500RL7 AD-ADG1404YCPZ-500RL7 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1404YCPZ-REEL7 AD-ADG1404YCPZ-REEL7 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1404YRUZ AD-ADG1404YRUZ Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1404YRUZ-REEL AD-ADG1404YRUZ-REEL Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
More results


Similar Description - ADG1404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
10/06-Revision 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com