Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5233 Datasheet (PDF) - Analog Devices

ADG5233 Datasheet PDF - Analog Devices
Part # ADG5233
Download  ADG5233 Download
File Size   473.39 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Triple/Quad SPDT Switches

ADG5233 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5233 Datasheet PDF - Analog Devices

Part # ADG5233
Download  ADG5233 Click to download

File Size   473.39 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Triple/Quad SPDT Switches

ADG5233 Datasheet (HTML) - Analog Devices


ADG5233 Product details

FEATURES Latch-up proof
2.8 pF off source capacitance
9 pF off drain capacitance
0.4 pC charge injection
Low on resistance: 160 Ω typical
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
48 V supply maximum ratings Fully specified at ±15 V, ±20 V, +12 V, and +36 V VDD to VSS analog signal range Human body model (HBM) ESD rating 8 kV input/output port to supplies
2 kV input/output port to input/output port
8 kV all other pins

APPLICATIONS
Automatic test equipment Data acquisition
Instrumentation
Avionics Audio and video switching
Communication systems




Similar Part No. - ADG5233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5233BCPZ-RL7 AD-ADG5233BCPZ-RL7 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5233BRUZ AD-ADG5233BRUZ Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5233BRUZ-RL7 AD-ADG5233BRUZ-RL7 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
More results


Similar Description - ADG5233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
High Voltage Latch-Up Proof, Single SPDT Switch
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com