Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7159 Datasheet (PDF) - Analog Devices

ADP7159 Datasheet PDF - Analog Devices
Part # ADP7159
Download  ADP7159 Download
File Size   1046.57 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, Ultralow Noise, High PSRR, RF Linear Regulator

ADP7159 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP7159 Datasheet PDF - Analog Devices

Part # ADP7159
Download  ADP7159 Click to download

File Size   1046.57 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, Ultralow Noise, High PSRR, RF Linear Regulator

ADP7159 Datasheet (HTML) - Analog Devices


ADP7159 Product details

FEATURES Input voltage range: 2.3 V to 5.5 V Adjustable output voltage range (VOUT): 1.2 V to 3.3 V Maximum load current: 2 A
Low noise 0.9 μV rms total integrated noise from 100 Hz to 100 kHz 1.6 μV rms total integrated noise from 10 Hz to 100 kHz Noise spectral density: 1.7 nV/√Hz from 10 kHz to 1 MHz Power supply rejection ratio (PSRR)
68 dB from 1 kHz to 100 kHz 45 dB at 1 MHz Dropout voltage: 200 mV typical at IOUT = 2 A, VOUT = 3.3 V Initial accuracy: ±0.6% at ILOAD = 10 mA Accuracy over line, load, and temperature: ±1.5%
Quiescent current (IGND)
4.0 mA typical at 0 μA 9.0 mA typical at 2 A Low shutdown current: 0.2 μA typical
Stable with a 10 μF ceramic output capacitor
10-lead, 3 mm × 3 mm LFCSP and 8-lead SOIC packages
Precision enable
Supported by ADIsimPower tool




Similar Part No. - ADP7159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7159 AD-ADP7159 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7159 AD-ADP7159 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADP7159 AD-ADP7159 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
More results


Similar Description - ADP7159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com