Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606ST Datasheet (PDF) - Marathon Special Products

1606ST Datasheet PDF - Marathon Special Products
Part # 1606ST
Download  1606ST Download
File Size   87.39 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 1600 Series with Stud

1606ST Datasheet (PDF)

Go To PDF Page Download Datasheet
1606ST Datasheet PDF - Marathon Special Products

Part # 1606ST
Download  1606ST Click to download

File Size   87.39 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 1600 Series with Stud

1606ST Datasheet (HTML) - Marathon Special Products


1606ST Product details

Electrical Ratings:
• 75A max
• 600 Volts AC/DC (UL 1059 Class C, User Group - General Industrial)
• Factory and Field Wiring
• Use Listed terminals and tools for field installation of prepared conductors.
Mechanical Ratings:
• Maximum insulator base temperature: 150°C (302°F) UL RTI
• Storage and transportation temperature range: -35°C to 125°C (-31°F to 257°F)
• Flammability rating of insulator base: UL 94 V-0




Similar Part No. - 1606ST

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1606SC MARATHON-1606SC Datasheet
112Kb / 3P
1600 Series with Short Circuiting Bar
01/27/17
More results


Similar Description - 1606ST

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R7S01600A POWEREX-R7S01600A Datasheet
435Kb / 4P
General Purpose Rectifier (1600 Amperes Average 1600 Volts)
logo
Hirose Electric
PW-1634BA-C HIROSE-PW-1634BA-C Datasheet
1Mb / 7P
SUMICON 1600 SERIES RECTANGULAR CONNECTORS
logo
Astec America, Inc
AIF04ZPFC-01 ASTEC-AIF04ZPFC-01 Datasheet
117Kb / 2P
1600 Watts
logo
List of Unclassifed Man...
DP30 ETC1-DP30 Datasheet
42Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
DP55 ETC1-DP55 Datasheet
41Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO55 75AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
DP75 ETC1-DP75 Datasheet
44Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO75 75AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
TRIAD MAGNETICS
VPP12-1600 TRIAD-VPP12-1600 Datasheet
48Kb / 1P
VPP12-1600
logo
List of Unclassifed Man...
1512ST ETC2-1512ST Datasheet
92Kb / 3P
1500 Series with Stud
BU-P72918 ETC2-BU-P72918 Datasheet
658Kb / 1P
Banana Plug with M3 Stud
PC-1608 ETC2-PC-1608 Datasheet
9Mb / 32P
SUMICON 1600 SERIES RECTANGULAR CONNECTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com