Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

602-GP-2 Datasheet (PDF) - Marathon Special Products

602-GP-2 Datasheet PDF - Marathon Special Products
Part # 602-GP-2
Download  602-GP-2 Download
File Size   59.84 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Terminal Block– Open Back

602-GP-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
602-GP-2 Datasheet PDF - Marathon Special Products

Part # 602-GP-2
Download  602-GP-2 Click to download

File Size   59.84 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Terminal Block– Open Back

602-GP-2 Datasheet (HTML) - Marathon Special Products


602-GP-2 Product details

Electrical Ratings:
• 30A with Listed ring lug or unprepared wire, (Based on NEC Table 310-16, 75°C columns)
• 300 Volts AC/DC (UL 1059 Class B, User Group – Commercial Appliances)
• Short Circuit Current Rating: 10,000A (Default)
• Approved for Factory and Field Wiring.
Mechanical Ratings:
• Insulator base temperature: -40°C to 150°C (302°F)* UL RTI
• Flammability rating of insulator base: UL 94V-1
* Use outside these ratings needs to be judged in the end-use application.




Similar Part No. - 602-GP-2

ManufacturerPart #DatasheetDescription
logo
EAO AG.
602-0000-00 EAO-602-0000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
602-0000-0P EAO-602-0000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
logo
List of Unclassifed Man...
602-15 ETC2-602-15 Datasheet
483Kb / 4P
Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
logo
Willow Technologies Ltd
602-1W WILLOW-602-1W Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
602-1Y WILLOW-602-1Y Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
More results


Similar Description - 602-GP-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546213 MACOM-C-1546213 Datasheet
55Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 ?, OPEN ENDS, STACKING 5.08mm PITCH
C-282817 MACOM-C-282817 Datasheet
40Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10mm PITCH
C-282819 MACOM-C-282819 Datasheet
42Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10.16mm PITCH
C-282827 MACOM-C-282827 Datasheet
40Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS 10mm PITCH
C-282961 MACOM-C-282961 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
C-282963 MACOM-C-282963 Datasheet
44Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
C-282965 MACOM-C-282965 Datasheet
44Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.62mm PITCH
C-282967 MACOM-C-282967 Datasheet
42Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, 7.62mm PITCH
logo
FCI connector
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
TERMINAL BLOCK PLUGGABLE PLUG BACK SIDE HOOK
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
TERMINAL BLOCK PLUGGABLE PLUG, BACK SIDE HOOK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com