Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SC30AXC Datasheet (PDF) - Marathon Special Products

6SC30AXC Datasheet PDF - Marathon Special Products
Part # 6SC30AXC_V01
Download  6SC30AXC Download
File Size   136.16 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 30 Amps 600 Volts AC

6SC30AXC Datasheet (PDF)

Go To PDF Page Download Datasheet
6SC30AXC Datasheet PDF - Marathon Special Products

Part # 6SC30AXC_V01
Download  6SC30AXC Click to download

File Size   136.16 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description 30 Amps 600 Volts AC

6SC30AXC Datasheet (HTML) - Marathon Special Products


6SC30AXC Product details

Wire Range
• Line/Load #6-18 AWG CU
• Factory & Field Wiring
Electical Ratings
• 30 Amps max
• 600 Volts (AC/DC)
• 200kA Withstand Rating (SC)
Agency Compliance
• cULus Listed file no. IZLT.E35113
• CE compliant to IEC 60947-1
• IEC 60529 degree of protection IP20
Material Information
• Insulator base:
• Glass filled polyamide
• Flammability rating of insulator base UL94 V-2
• Insulator base temperature rating: -40°C to 130°C (UL RTI)
• Fuseclips & Contacts - plated copper
• Terminal Box, Spring & Screws - plated steel
• RoHS compliant




Similar Part No. - 6SC30AXC_V01

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6SC30AXC MARATHON-6SC30AXC Datasheet
206Kb / 2P
200kA Withstand Rating (SC)
10/05/23
More results


Similar Description - 6SC30AXC_V01

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
132X970 MARATHON-132X970 Datasheet
89Kb / 4P
175 Amps 600 Volts AC/DC
REV-C 11/13/13
133X587 MARATHON-133X587 Datasheet
98Kb / 4P
380 Amps 600 Volts AC/DC
REV-D 10/16/13
145X592 MARATHON-145X592 Datasheet
128Kb / 4P
760 Amps 600 Volts AC/DC
REV-G 1/12/18
EPBAD48 MARATHON-EPBAD48 Datasheet
226Kb / 4P
200 Amps 600 Volts AC/DC
REV-A 11/14/16
EPBAP45 MARATHON-EPBAP45 Datasheet
173Kb / 4P
200 Amps 600 Volts AC/DC
REV-G 12/19/17
EPBAP74 MARATHON-EPBAP74 Datasheet
171Kb / 4P
335 Amps 600 Volts AC/DC
REV-J 2/14/18
EPBCD45 MARATHON-EPBCD45 Datasheet
171Kb / 5P
200 Amps 600 Volts AC/DC
REV-J 12/19/17
MPV6153DD MARATHON-MPV6153DD Datasheet
141Kb / 3P
600 Amps 600/1500 Volts AC/DC
REV-A 08/02/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com