Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL20 Datasheet (PDF) - Marathon Special Products

GL20 Datasheet PDF - Marathon Special Products
Part # GL20
Download  GL20 Download
File Size   101.39 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description GROUNDING LUG

GL20 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL20 Datasheet PDF - Marathon Special Products

Part # GL20
Download  GL20 Click to download

File Size   101.39 Kbytes
Page   2 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description GROUNDING LUG

GL20 Datasheet (HTML) - Marathon Special Products


GL20 Product details

Electrical Ratings:
• 175A copper wire, 135A aluminum wire (Based on NEC code, 75°C wire)
Agency Compliance
• UL Recognized Wire Connector - File ZMVV2.E43665
• Supplemental UL Certification: Grounding and Bonding Equipment (KDER)
• Final acceptance of this component is dependent upon its installation and use in complete equipment submitted to UL
• CSA Certified, CSA File No. 63510-25 (Wire Classes B & C only)
• RoHS Compliant
Material Information
• Connector: Aluminum, tin plated
• Terminal screws: Steel, nickel plated - painted green




Similar Part No. - GL20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GL20G1P-M GLENAIR-GL20G1P-M Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL20G1S-F GLENAIR-GL20G1S-F Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL20G2P-M GLENAIR-GL20G2P-M Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL20G2S-F GLENAIR-GL20G2S-F Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL20G3P-M GLENAIR-GL20G3P-M Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
More results


Similar Description - GL20

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
H2072-01 HARWIN-H2072-01 Datasheet
75Kb / 1P
TERMINAL LUG
H2072ZL1 HARWIN-H2072ZL1 Datasheet
72Kb / 1P
TERMINAL LUG
H2073Z01 HARWIN-H2073Z01 Datasheet
74Kb / 1P
TERMINAL LUG
H2074Z01 HARWIN-H2074Z01 Datasheet
73Kb / 1P
TERMINAL LUG
H9023-01 HARWIN-H9023-01 Datasheet
68Kb / 1P
TERMINAL LUG
logo
Winchester Electronics ...
SDK-3943A WINCHESTER-SDK-3943A Datasheet
601Kb / 2P
GROUNDING JACK
logo
Harwin Plc
H2032-01 HARWIN-H2032-01 Datasheet
70Kb / 1P
TERMINAL LUG
H2039-01 HARWIN-H2039-01 Datasheet
73Kb / 1P
TERMINAL LUG
H2071ZS1 HARWIN-H2071ZS1 Datasheet
54Kb / 1P
TERMINAL LUG
logo
Hubbell Incorporated.
BURNDY_YA34A2NG3 HUBBELL-BURNDY_YA34A2NG3 Datasheet
259Kb / 2P
ALUMINUM LUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com