Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3-2000467 Datasheet (PDF) - MIPOT S.p.A.

3-2000467 Datasheet PDF - MIPOT S.p.A.
Part # 3-2000467
Download  3-2000467 Download
File Size   358.79 Kbytes
Page   4 Pages
Manufacturer  MIPOT [MIPOT S.p.A.]
Direct Link  https://mipot.com/en/
Logo MIPOT - MIPOT S.p.A.
Description 3-2000467

3-2000467 Datasheet (PDF)

Go To PDF Page Download Datasheet
3-2000467 Datasheet PDF - MIPOT S.p.A.

Part # 3-2000467
Download  3-2000467 Click to download

File Size   358.79 Kbytes
Page   4 Pages
Manufacturer  MIPOT [MIPOT S.p.A.]
Direct Link  https://mipot.com/en/
Logo MIPOT - MIPOT S.p.A.
Description 3-2000467

3-2000467 Datasheet (HTML) - MIPOT S.p.A.


3-2000467 Product details

DESCRIPTION:
The 3-2000467 module is an On-Off Key transceiver
operating at 433,92 MHz, low consumption and low cost.
In transmission the typical power output is 10 mW
(+10 dBm) and the receiver sensitivity reaches –100 dBm.
There is an auxiliary pin for RF input/output to use when in
transmission is sufficient 1 mW (0 dBm) power output and
it wants to limit the current consumption. In power down
mode the 3-2000467 current consumption is about 5 μA
and so is perfect for battery supply systems.




Similar Part No. - 3-2000467

ManufacturerPart #DatasheetDescription
logo
MIPOT S.p.A.
3-2000473 MIPOT-3-2000473 Datasheet
401Kb / 4P
OOK TRANSCEIVER
More results


Similar Description - 3-2000467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711039 PHOENIX-1711039 Datasheet
138Kb / 6P
MKDS 3/ 3
1711738 PHOENIX-1711738 Datasheet
140Kb / 6P
MKDS 3/ 3-5,08
1712038 PHOENIX-1712038 Datasheet
136Kb / 5P
MKDSF 3/ 3
1713736 PHOENIX-1713736 Datasheet
141Kb / 6P
SMKDS 3/ 3-5,08
1721032 PHOENIX-1721032 Datasheet
131Kb / 5P
MKKDS 3/ 3
1721087 PHOENIX-1721087 Datasheet
142Kb / 6P
MKKDSG 3/ 3
1721346 PHOENIX-1721346 Datasheet
130Kb / 6P
MKKDSH 3/ 3
1723218 PHOENIX-1723218 Datasheet
155Kb / 5P
MK3DSMH 3/ 3-5,08
1731734 PHOENIX-1731734 Datasheet
140Kb / 6P
GMKDS 3/ 3-7,62
1732034 PHOENIX-1732034 Datasheet
138Kb / 6P
GMKDSP 3/ 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com