Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

093267-002 Datasheet (PDF) - Bourns Electronic Solutions

093267-002 Datasheet PDF - Bourns Electronic Solutions
Part # 093267-002
Download  093267-002 Download
File Size   725.55 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Model 093267 SP-E 16/5 EMC Filter Choke

093267-002 Datasheet (PDF)

Go To PDF Page Download Datasheet
093267-002 Datasheet PDF - Bourns Electronic Solutions

Part # 093267-002
Download  093267-002 Click to download

File Size   725.55 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Model 093267 SP-E 16/5 EMC Filter Choke

093267-002 Datasheet (HTML) - Bourns Electronic Solutions


093267-002 Product details

Features
EMC filter choke complies with EN 62368
Wide-band performance of interference suppression
Excellent attenuation of symmetric and asymmetric noise
Compact design
Class B / 130 °C
RoHS compliant*

Applications
Common mode choke
Designed for use in SMPS applications based on semiconductors from various AC-DC conversion silicon manufacturers




Similar Part No. - 093267-002

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0932-0-15-20-77-14-11-0 MILL-MAX-0932-0-15-20-77-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
HARTING Technology Grou...
09320006104 HARTING-09320006104 Datasheet
444Kb / 2P
Han C-male contact-c 1.5mm짼
09320006105 HARTING-09320006105 Datasheet
444Kb / 2P
Han C-male contact-c 2.5mm짼
09320006107 HARTING-09320006107 Datasheet
444Kb / 2P
Han C-male contact-c 4mm짼
09320006108 HARTING-09320006108 Datasheet
444Kb / 2P
Han C-male contact-c 6mm짼
More results


Similar Description - 093267-002

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8451 FILTRAN-8451 Datasheet
96Kb / 1P
Choke EMC Suppression Choke
logo
Sumida Corporation
SFC1015 SUMIDA-SFC1015 Datasheet
157Kb / 1P
EMC CHOKE COIL
PFN0716 SUMIDA-PFN0716 Datasheet
129Kb / 1P
EMC Choke Coil
PFN1025 SUMIDA-PFN1025 Datasheet
129Kb / 1P
EMC Choke Coil
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
EMC Choke Coil
PFN1318 SUMIDA-PFN1318 Datasheet
128Kb / 1P
EMC Choke Coil
PFN1329 SUMIDA-PFN1329 Datasheet
128Kb / 1P
EMC Choke Coil
PFN1515 SUMIDA-PFN1515 Datasheet
110Kb / 1P
EMC Choke Coil
PFN2029 SUMIDA-PFN2029 Datasheet
128Kb / 1P
EMC&PFC Choke Coil
logo
Schaffner International...
FN-9222-E SCHAFFNER-FN-9222-E Datasheet
927Kb / 6P
General Performance EMC/EMI Filter with Earth Line Choke
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com